Part Number Hot Search : 
WM8950 100BG H3545 74VHCT 020141MB WM8950 BZX55C1 MB89935B
Product Description
Full Text Search
 

To Download EPC-7510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EPC
Single fan
EPC-7510
Expandable Multi Function Embedded PC
Features and Benefits:
All-in-one cables-less Design Dual/Triple independent Display General Purpose I/O Lockable Serial ATA Connector Industrial PCI104 Expansion Interface Powerful PCIe x1 Expansion Module Flexible 1/2/3 Slot PCI Expansion Module Removable SATA HDD Expansion Module Embedded OS Support Anti-Shock and Vibration Design
Compliant
Double fan
No. 24, Lane 365, Yang Guang St., Nei Hu District, Taipei 114, Taiwan, R.O.C. Tel: +886-2-8751-1111 Fax: +886-2-8751-1199 Email: sales@protech.com.tw http://www.protech.com.tw
w w w. p r o t e c h . c o m . t w
EPC-7510
Top View
Expandable Multi Function Embedded PC
Front View Rear View
Specification
System
CPU Type Socket479, support Pentiuml
R
Environment
Operating Temp. M and Celeronl
R R
0 ~ 40 C - 20 ~ 70 C 20% ~ 90% MIL-STD-810F 50G, IEC60068-2-27, 11ms duration
M
Storage Tmp. Humidity Anti-Vibration Anti-shock
CPU, up to 2.0GHz on board Celeronl EP7510-C-CB) Chipset Memory Support Watchdog Power Supply Power Adaptor Intel
R
M 1.0GHz
ULV for cost down model (EPC-7510-C-AB / 915GM/GME+ICH6M
1 x DDRII SO-DIMM Socket (up to 2GB) 1~255 secs Watchdog timer selectable w / Reset / NMI 100W ATX or 90W AT Power Supply AC 100V~240V input, DC 24V 2-pin output (optional) NET 4.2/5.0
Ordering Information
EPC7510-AB EPC7510-CB EPC7510-C-AB Socket479 + 1 x VGA + 1 x DVI + Dual fan+ 100W ATX Power + 1 x PCMCIA + 1 x 1394a Socket479 + 1 x VGA+ 1 x DVI + Dual fan + 90W AT Power + 1 x PCMCIA + 1 x 1394a On Board Celeron R M 1.0GHz ULV + 1 x VGA + Single fan + 100W ATX Power (Without IEEE 1394 & PCMCIA, On board CPU) EPC7510-C-CB On Board Celeron R M 1.0GHz ULV + 1 x VGA + Single fan + 90W AT Power (Without IEEE 1394 & PCMCIA, On board CPU) EPC7510-EB EPC7510-FB EPC7510LF-S1-KIT EPC7510LF-S2-KIT EPC7510LF-S3-KIT EPC7510LF-S4-KIT Socket479 + 1 x VGA + 1 x DVI + Single fan + 100W ATX Power + 1 x PCMCIA + 1 x 1394a Socket479 + 1 x VGA + 1 x DVI + Single fan + 90W AT Power + 1 x PCMCIA+ 1 x 1394a 1 x PCIe, 1 x expansion module (backplane+ chassis) 1 x PCI expansion module (backplane+chassis) 2 x PCI expansion module (backplane+chassis) 3 x PCI expansion module (backplane+chassis) module) 52-002-0512000 24VDC power adaptor output
Operation System Windows 2000 / XP / XP-E(SP2), Windows CE. System Weight Dimension
(WxHxD)
1.6 kg 216mm x 56.9mm x 175.2mm (with 2.5" HDD) 216mm x 85.3mm x 175.2mm (with 3.5' HDD)
I/O Ports (Front side)
HDD USB PCMCIA LAN CF DVI Audio SATA 2.5", uDOC ( support by optional) 2 x USB 2.0 Type-A Connector 1 x PCMCIA cardbus slot (Don't include cost down model) 1 x 10/100/1000 Mbps LAN (Marvell 88E8052) 1 x CF type II slot. (IDE interface) 1 x DVI port (resolution up to 1920x1200 60Hz max) 1 x Mic-in, SPK-out (Line-in by jumper setting)
Keyboard / Mouse 1 x PS/2 port for keyboard and mouse
EPC7510LF-3.5HDD-KIT Hot-plug removable 3.5" SATA HDD (expansion
I/O Ports (Rear side)
Serial Port LAN IEEE 2 x COM port, all for R232, +5V 1 x 10/100 Mbps LAN (Intel 82562) 1 x IEEE 1394a port (Don't include cost down model)
Certificate: CE, FCC CLASS A
* CPU,
AT Power, SDRAM, HDD are available as optional items.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd. All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Feb. 2008
PROTECH SYSTEMS
It's the right choice


▲Up To Search▲   

 
Price & Availability of EPC-7510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X